Part Number Hot Search : 
IRLML AD7663 IND331SK 74HC2G86 K1459 TDA4725 BU2520 1N5405GM
Product Description
Full Text Search
 

To Download NCV4949APDR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2010 november, 2010 ? rev. 1 1 publication order number: ncv4949a/d ncv4949a 100 ma, 5.0 v, low dropout voltage regulator with reset and sense the ncv4949a is a monolithic integrated 5.0 v voltage regulator with a very low dropout and additional functions such as reset and an uncommitted voltage sense comparator. it is designed for supplying microcontroller/microprocessor controlled systems particularly in automotive applications. the ncv4949a has improved reset behavior for lower input and output voltage levels. features ? operating dc supply voltage range 5.0 v to 28 v ? transient supply voltage up to 40 v ? high precision output voltage 5.0 v 1% ? output current capability up to 100 ma ? very low dropout voltage less than 0.4 v ? reset circuit sensing the output voltage ? programmable reset pulse delay ? voltage sense comparator ? thermal shutdown and short circuit protections ? ncv prefix for automotive and other applications requiring site and change control ? these are pb ? free devices regulator 1.23 v ref 2.0 v 2.0  a reset 1.23 v sense gnd sense output (s o ) reset sense input (s i ) supply voltage (v cc ) v z output voltage (v out ) c t 38 4 6 7 5 2 1 v s + - + - preregulator 6.0 v figure 1. representative block diagram http://onsemi.com (top view) pin connections 1 2 3 4 8 7 6 5 v z c t gnd s i v cc reset s o v out soic ? 8 d suffix case 751 1 8 v4949a alywd  1 8 see detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. ordering information a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free device marking diagrams 20 1 ncv4949a awlyywwg soic ? 20 w dw suffix case 751ac soic ? 8 ep pd suffix case 751ac 1 8 1 8 v4949a alyw   (note: microdot may be in either location)
ncv4949a http://onsemi.com 2 absolute maximum ratings rating symbol value unit dc operating supply voltage v cc 28 v transient supply voltage (t < 1.0 s) v cc tr 40 v output current i out internally limited ? output voltage v out 20 v sense input current i si 1.0 ma sense input voltage v si v cc ? output voltages v reset output v reset 20 sense output v so 20 output currents ma reset output i reset 5.0 sense output i so 5.0 preregulator output voltage v z 7.0 v preregulator output current i z 5.0 ma esd protection at any pin v human body model ? 4000 machine model ? 200 charged device model (soic ? 20 w) ? 1000 thermal resistance, junction ? to ? air r  ja c/w soic ? 8 soic ? 8 ep soic ? 20 w 189.3 84.8 95.8 operating junction temperature range t j ? 40 to +150 c storage temperature range t stg ? 65 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. lead temperature soldering reflow (note 1) rating symbol min max unit reflow (smd styles only) lead free 60 ? 150 sec above 217, 40 sec max at peak tsld ? 260 c moisture sensitivity level (soic ? 8) msl level 1 moisture sensitivity level (soic ? 8ep) msl level 2 moisture sensitivity level (soic ? 20w) msl level 3 1. per ipc / jedec j ? std ? 020c electrical characteristics (v cc = 14 v, ? 40 c < t a < 125 c, unless otherwise specified.) characteristic symbol min typ max unit output voltage (t a = 25 c, i out = 1.0 ma) v out 4.95 5.0 5.05 v output voltage (6.0 v < v cc < 28 v, 1.0 ma < i out < 50 ma) v out 4.9 5.0 5.1 v output voltage (v cc = 35 v, t < 1.0 s, 1.0 ma < i out < 50 ma) v out 4.9 5.0 5.1 v dropout voltage v drop v i out = 10 ma ? 0.1 0.25 i out = 50 ma ? 0.2 0.40
ncv4949a http://onsemi.com 3 electrical characteristics (continued) (v cc = 14 v, ? 40 c < t a < 125 c, unless otherwise specified.) characteristic unit max typ min symbol i out = 100 ma ? 0.3 0.50 input to output voltage difference in undervoltage condition v io ? 0.2 0.4 v (v cc = 4.0 v, i out = 35 ma) line regulation (6.0 v < v cc < 28 v, i out = 1.0 ma) reg line ? 1.0 20 mv load regulation (1.0 ma < i out < 100 ma) reg load ? 8.0 30 mv current limit i lim ma v out = 4.5 v 105 200 400 v out = 0 v ? 100 ? quiescent current (i out = 0.3 ma, t a < 100 c) i qse ? 150 260  a quiescent current (i out = 100 ma) i q ? ? 5.0 ma reset reset threshold voltage v resth ? 4.5 ? v reset threshold hysteresis v resth,hys mv @ t a = 25 c 50 100 200 @ t a = ? 40 to +125 c 50 ? 300 reset pulse delay (c t = 100 nf, t r 100  s) t resd 55 100 180 ms reset reaction time (c t = 100 nf) t resr ? 5.0 30  s reset output low voltage (r reset = 10 k  to v out , v cc 3.0 v) v resl ? ? 0.4 v reset output high leakage current (v reset = 5.0 v) i resh ? ? 1.0  a delay comparator threshold v ctth ? 2.0 ? v delay comparator threshold hysteresis v ctth, hys ? 100 ? mv sense sense low threshold (v si decreasing = 1.5 v to 1.0 v) v soth 1.16 1.23 1.35 v sense threshold hysteresis v soth,hys 20 100 200 mv sense output low voltage (v si 1.16 v, v cc 3.0 v, r so = 10 k  to v out ) v sol ? ? 0.4 v sense output leakage (v so = 5.0 v, v si 1.5 v) i soh ? ? 1.0  a sense input current i si ? 1.0 0.1 1.0  a preregulator preregulator output voltage (i z = 10  a) v z ? 6.3 ? v pin function description pin so ? 8, so ? 8 ep pin so ? 20 w symbol description 1 19 v cc supply voltage 2 20 s i input of sense comparator 3 1 v z output of preregulator 4 2 c t reset delay capacitor 5 4 ? 7, 14 ? 17 gnd ground 6 10 reset output of reset comparator 7 11 s o output of sense comparator 8 12 v out main regulator output ? 3, 8, 9, 13, 18 nc no connect
ncv4949a http://onsemi.com 4 0 1 2 3 4 5 6 012345678910 4.96 4.97 4.98 4.99 5 5.01 5.02 5.03 5.04 -40 -20 0 20 40 60 80 100 120 t j , junction temperature ( c) v cc = 14 v i out = 1.0 ma v out , output voltage (v) v cc , supply voltage (v) t j = 25 c r l = 100  r l = 5 k  v out , output voltage (v) typical characterization curves 0 100 150 200 250 0.1 100 i out , output current (ma) 10 1.0 50 t j = 25 c v drop , dropout voltage (mv) 0 0.10 0.20 0.30 0.40 -40 -20 0 40 60 20 100 120 t j , junction temperature ( c) 80 v drop , dropout voltage (mv) i out = 50 ma i out = 10 ma i out = 100 ma figure 2. esr stability border vs. output current (full esr range) figure 3. esr stability border vs. output current (very low esr) figure 4. output voltage versus junction temperature figure 5. output voltage versus supply voltage figure 6. dropout voltage versus output current figure 7. dropout voltage versus junction temperature 010 output current (ma) 10.0 0 unstable region v in = 13.5 v c out = 10  f esr 20 30 40 50 60 70 80 90 100 0.5 0.4 0.3 0.2 010 output current (ma) 0.1 0 20 30 40 50 60 70 80 90 100  esr  stable region stable region v in = 13.5 v c out = 10  f unstable region 20.0 30.0 40.0 50.0 60.0
ncv4949a http://onsemi.com 5 typical characterization curves (continued) 6.0 5.0 4.0 3.0 2.0 4.0 4.1 v out , output voltage (v) 1.0 0 resistor 10 k  from reset output to 5.0 v t j = 25 c v reset , reset output (v) 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 4.7 4.66 4.62 4.58 4.5 -40 -20 t j , junction temperature ( c) 4.46 4.42 upper threshold v reset , reset threshold voltage (v) 0 20 40 60 80 100 120 4.54 lower threshold figure 8. quiescent current versus output current figure 9. quiescent current versus supply voltage 6.0 5.0 4.0 2.0 1.0 1.15 v si , sense input voltage (v) 1.0 0 t j = 25 c v so , sense output voltage (v) 1.2 1.25 1.3 1.35 1.4 1.45 1.5 3.0 resistor 10 k from sense output to 5.0 v 1.1 1.05 1.4 1.38 1.36 1.34 1.3 -40 -20 t j , junction temperature ( c) 1.28 1.2 upper threshold v si , sense input voltage (v) 0 20 40 60 80 100 120 1.32 lower threshold 1.26 1.24 1.22 figure 10. reset output versus regulator output voltage figure 11. reset thresholds versus junction temperature figure 12. sense output versus sense input voltage figure 13. sense thresholds versus junction temperature 3.0 2.5 2.0 1.5 1.0 0.1 1.0 10 100 0.5 0 v cc = 14 v t j = 25 c i out , output current (ma) i q , quiescent current (ma) 3.0 2.5 2.0 1.5 1.0 0 5.0 10 15 20 25 30 v cc , supply voltage (v) 0.5 0 r l = 5.0 k  r l = 100  t j = 25 c i q , quiescent current (ma) 140
ncv4949a http://onsemi.com 6 application information supply voltage transient high supply voltage transients can cause a reset output signal perturbation. for supply voltages greater than 8.0 v the circuit shows a high immunity of the reset output against supply transients of more than 100 v/  s. for supply voltages less than 8.0 v supply transients of more than 0.4 v/  s can cause a reset signal perturbation. to improve the transient behavior for supply voltages less than 8.0 v a capacitor at pin 3 can be used. a capacitor at pin 3 (c3 1.0  f) also reduces the output noise. s o v z (optional) v out v out v bat c s c o c3 r so 10 k  regulator 1.23 v ref 2.0 v 2.0  a reset 1.23 v sense gnd reset s i v cc c t 38 4 6 7 5 2 1 v cc + - + - preregulator 6.0 v 10 k  figure 14. application schematic note: 1. for stability: c s 1.0  f, c o 4.7  f, esr < 10  at 10 khz 2. recommended for application: c s = 10  f, c o = 10  f to 74  f @ t a = 125 c by using higher c s it is possible to use higher c o . r si2 r si1 c si c ct r reset
ncv4949a http://onsemi.com 7 operating description the ncv4949a is a monolithic integrated low dropout voltage regulator. several outstanding features and auxiliary functions are implemented to meet the requirements of supplying microprocessor systems in automotive applications. it is also suitable in other applications where the included functions are required. the modular approach of this device allows the use of other features and functions independently when required. voltage regulator the voltage regulator uses an isolated collector vertical pnp transistor as a regulating element. with this structure, very low dropout voltage at currents up to 100 ma is obtained. the dropout operation of the standby regulator is maintained down to 3.0 v input supply voltage. the output voltage is regulated up to a transient input supply voltage of 35 v. a typical curve showing the standby output voltage as a function of the input supply voltage is shown in figure 16. the current consumption of the device (quiescent current) is less than 200  a. to reduce the quiescent current peak in the undervoltage region and to improve the transient response in this region, the dropout voltage is controlled. the quiescent current as a function of the supply input voltage is shown in figure 17. short circuit protection: the maximum output current is internally limited. in case of short circuit, the output current is foldback current limited as described in figure 15. i out (ma) figure 15. foldback characteristic of v out v out (v) 0.00 1.00 2.00 3.00 4.00 5.00 6.00 0 50 100 150 200 250 300 350 v out 5.0 v 35 v 5.0 v 2.0 v 0 v v out v cc figure 16. output voltage versus supply voltage figure 17. quiescent current versus supply voltage 3.0 2.5 2.0 1.5 1.0 0 5.0 10 15 20 25 30 v cc , supply voltage (v) 0.5 0 r l = 5.0 k  r l = 100  t j = 25 c i q , quiescent current ( m a) preregulator to improve transient immunity a preregulator stabilizes the internal supply voltage to 6.0 v. this internal voltage is present at pin 3 (v z ). this voltage should not be used as an output because the output capability is very small ( 100  a). this output may be used to improve transient behavior for supply voltages less than 8.0 v. in this case a capacitor (100 nf ? 1.0  f) must be connected between pin 3 and gnd. if this feature is not used pin 3 must be left open.
ncv4949a http://onsemi.com 8 reset circuit the block circuit diagram of the reset circuit is shown in figure 18. the reset circuit supervises the output voltage. the reset threshold of 4.5 v is defined by the internal reference voltage and standby output divider. the reset pulse delay time t rd , is defined by the charge time of an external capacitor c t : t rd  c t x2.0v 2.0  a the reaction time of the reset circuit originates from the discharge time limitation of the reset capacitor c t and is proportional to the value of c t . the reaction time of the reset circuit increases the noise immunity. 1.23 v v ref 22 k out reg 2.0  a c t 2.0 v + - reset figure 18. reset circuit output voltage drops below the reset threshold only marginally longer than the reaction time results in a shorter reset delay time. the nominal reset delay time will be generated for output voltage drops longer than approximately 50  s. the typical reset output waveforms are shown in figure 19. vrt + 0.1 v 5.0 v vrt v out 3.0 v reset v out1 v in 40 v t t r t rd t rd t rr switch on input drop dump output overload switch off figure 19. typical reset output waveforms sense comparator the sense comparator compares an input signal with an internal voltage reference of typical 1.23 v. the use of an external voltage divider makes this comparator very flexible in the application. it can be used to supervise the input voltage either before or after a protection diode and to provide additional information to the microprocessor such as low voltage warnings. ordering information device package shipping ? ncv4949adr2g soic ? 8 (pb ? free) 2500 / tape & reel NCV4949APDR2G soic ? 8 ep (pb ? free) 2500 / tape & reel ncv4949adwr2g soic ? 20 wb (pb ? free) 1000 / tape & reel ?for information on tape and reel specifications,including part orientation and tape sizes, please refer to our tape and reel p ackaging specifications brochure, brd8011/d.
ncv4949a http://onsemi.com 9 package dimensions soic ? 8 nb case 751 ? 07 issue aj seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
ncv4949a http://onsemi.com 10 package dimensions soic ? 8 ep case 751ac ? 01 issue b ?? ?? ?? h c 0.10 d e1 a d pin one 2 x 8 x seating plane exposed gauge plane 14 5 8 d c 0.10 a-b 2 x e b e c 0.10 2 x top view side view bottom view detail a end view section a ? a 8 x b a-b 0.25 d c c c 0.10 c 0.20 a a2 g f 1 4 58 notes: 1. dimensions and tolerancing per asme y14.5m, 1994. 2. dimensions in millimeters (angles in degrees). 3. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the ?b? dimension at maximum material condition. 4. datums a and b to be determined at datum plane h. dim min max millimeters a 1.35 1.75 a1 0.00 0.10 a2 1.35 1.65 b 0.31 0.51 b1 0.28 0.48 c 0.17 0.25 c1 0.17 0.23 d 4.90 bsc e 6.00 bsc e 1.27 bsc l 0.40 1.27 l1 1.04 ref f 2.24 3.20 g 1.55 2.51 h 0.25 0.50  0 8 h aa detail a (b) b1 c c1 0.25 l (l1)  pad e1 3.90 bsc   a1 location *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* exposed pad 1.52 0.060 2.03 0.08 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 7.0 0.275 2.72 0.107
ncv4949a http://onsemi.com 11 package dimensions soic ? 20 wb case 751d ? 05 issue g 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition.  on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. ncv4949a/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCV4949APDR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X